Part Number Hot Search : 
MBA812M4 FDC60 JANTXV 20PFI MDSF1 2SK250 DT54FC ASM2I
Product Description
Full Text Search
 

To Download BZX5562 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX55 ...
SILICON PLANAR ZENER DIODES
Features
Silicon Planar Zener Diodes The Zener voltages are graded according to the international E 24 standard. Other voltage tolerances and higher Zener voltages on request.
DIM ENSIONS DIM A B C D inches Min. 1.083 Max. 0.154 0.075 0.020 Min. 27.50 mm Max. 3.9 1.9 0.52 Note
Absolute Maximum Ratings
(Ta=25
)
Symbols Values Units
Zener current see Table "Characteristics" Power dissipation at Tamb=25 Junction temperature Storage temperature range Ptot Tj TS 500
1)
mW
175 -55 to +175
Note: (1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
Characteristics
Thermal resistance junction to ambient Air
at Tamb=25
Symbols Min. Typ. Max. Units
RthA VF
-
-
0.3
1)
K/mW V
Forward voltage at IF=100mA
1.0
Note: (1) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case.
1
Z e n e r v o lta g e ra n g e 1 ) Ty p e V znom V B Z X 5 5 /C 0 V 8 B Z X 5 5 /C 2 V 0 B Z X 5 5 /C 2 V 4 B Z X 5 5 /C 2 V 7 B Z X 5 5 /C 3 V 0 B Z X 5 5 /C 3 V 3 B Z X 5 5 /C 3 V 6 B Z X 5 5 /C 3 V 9 B Z X 5 5 /C 4 V 3 B Z X 5 5 /C 4 V 7 B Z X 5 5 /C 5 V 1 B Z X 5 5 /C 5 V 6 B Z X 5 5 /C 6 V 2 B Z X 5 5 /C 6 V 8 B Z X 5 5 /C 7 V 5 B Z X 5 5 /C 8 V 2 B Z X 5 5 /C 9 V 1 B Z X 5 5 /C 1 0 B Z X 5 5 /C 11 B Z X 5 5 /C 1 2 B Z X 5 5 /C 1 3 B Z X 5 5 /C 1 5 B Z X 5 5 /C 1 6 B Z X 5 5 /C 1 8 B Z X 5 5 /C 2 0 B Z X 5 5 /C 2 2 B Z X 5 5 /C 2 4 B Z X 5 5 /C 2 7 B Z X 5 5 /C 3 0 B Z X 5 5 /C 3 3 B Z X 5 5 /C 3 6 B Z X 5 5 /C 3 9 B Z X 5 5 /C 4 3 B Z X 5 5 /C 4 7 B Z X 5 5 /C 5 1 B Z X 5 5 /C 5 6 B Z X 5 5 /C 6 2 B Z X 5 5 /C 6 8 B Z X 5 5 /C 7 5 B Z X 5 5 /C 8 2 B Z X 5 5 /C 9 1 B Z X 5 5 /C 1 0 0 B Z X 5 5 /C 11 0 B Z X 5 5 /C 1 2 0 B Z X 5 5 /C 1 3 0 B Z X 5 5 /C 1 5 0 B Z X 5 5 /C 1 6 0 B Z X 5 5 /C 1 8 0 B Z X 5 5 /C 2 0 0 0 .8 2 .0 2 .4 2 .7 3 .0 3 .3 3 .6 3 .9 4 .3 4 .7 5 .1 5 .6 6 .2 6 .8 7 .5 8 .2 9 .1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 11 0 120 130 150 160 180 200 mA 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 2 .5 1 1 1 1 1 1 1 1 1 I Z T fo r V Z T
2)
D y n a m ic re s is ta n ce r z jT a n d r z jk a t I Z K mA <8 <85 <85 <85 <85 <85 <85 <85 <75 <60 <35 <25 <10 <8 <7 <7 <10 <15 <20 <20 <26 <30 <40 <50 <55 <55 <80 <80 <80 <80 <80 <90 <90 < 11 0 <125 <135 <150 <200 <250 <300 <450 <450 <600 <800 <950 <1250 <1400 <1700 <2000 <50 <600 <600 <600 <600 <600 <600 <600 <600 <600 <550 <450 <200 <150 <50 <50 <50 <70 <70 <90 < 11 0 < 11 0 <170 <170 <220 <220 <220 <220 <220 <220 <220 <500 <500 <600 <700 <700 <1000 <1000 <1000 <1500 <2000 <5000 <5000 <5500 <6000 <6500 <7000 <8500 <10000 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .5 0 .2 5 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1 0 .1
R e v e rs e le a ka g e c u rre n t IR a n d IR uA <100 <50 <10 <4 <2 <2 <2 <1 < 0 .5 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1 < 0 .1
2)
Te m p . co e ffic ie n t o f Z e n e r vo lta g e T K VZ V 1 1 1 1 1 1 1 1 1 1 1 2 3 5 6 .2 6 .8 7 .5 8 .2 9 .1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51 56 62 68 75 82 91 100 11 0 120 130 150 % /K -0 .2 6 ... -0 .2 3 -0 .0 9 ... -0 .0 6 -0 .0 9 ... -0 .0 6 -0 .0 9 ... -0 .0 6 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 8 ... -0 .0 5 -0 .0 6 ... -0 .0 3 -0 .0 5 ... + 0 .0 2 -0 .0 2 ... + 0 .0 2 -0 .0 5 ... + 0 .0 5 0 .0 3 ... 0 .0 6 0 .0 3 ... 0 .0 7 0 .0 3 ... 0 .0 7 0 .0 3 ... 0 .0 8 0 .0 3 ... 0 .0 9 0 .0 3 ... 0 .1 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 3 ... 0 .11 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 4 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2 0 .0 5 ... 0 .1 2
at VR
V 0 .7 3 ... 0 .8 3 1 .9 ... 2 .1 2 .2 8 ... 2 .5 6 2 .5 ... 2 .9 2 .8 ... 3 .2 3 .1 ... 3 .5 3 .4 ... 3 .8 3 .7 ... 4 .1 4 .0 ... 4 .6 4 .4 ... 5 .0 4 .8 ... 5 .4 5 .2 ... 6 .0 5 .8 ... 6 .6 6 .4 ... 7 .2 7 .0 ... 7 .9 7 .7 ... 8 .7 8 .5 ... 9 .6 9 .4 ... 1 0 .6 1 0 .4 ... 11 .6 11 .4 ... 1 2 .7 1 2 .4 ... 1 4 .1 1 3 .8 ... 1 5 .6 1 5 .3 ... 1 7 .1 1 6 .8 ... 1 9 .1 1 8 .8 ... 2 1 .2 2 0 .8 ... 2 3 .3 2 2 .8 ... 2 5 .6 2 5 .1 ... 2 8 .9 2 8 ... 3 2 3 1 ... 3 5 3 4 ... 3 8 3 7 ... 4 1 4 0 ... 4 6 4 4 ... 5 0 4 8 ... 5 4 5 2 ... 6 0 5 8 ... 6 6 6 4 ... 7 2 7 0 ... 7 9 7 7 ... 8 7 8 5 ... 9 6 9 4 ... 1 0 6 1 0 4 ... 11 6 11 4 ... 1 2 7 1 2 4 ... 1 4 1 1 3 8 ... 1 5 6 1 5 3 ... 1 7 1 1 6 8 ... 1 9 1 1 8 8 ... 2 1 2
uA <200 <100 <50 <40 <40 <40 <40 <20 <10 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <2 <5 <5 <5 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10 <10
Notes: (1) Tested with pulses tp=20ms. (2) Valid provided that leads are kept at ambient temperature at a distance of 8 mm from case. (3) The BZX55-C0V8 is a silicon diode with operation in forward direction. Hence, the index of all parameters should be F instead of Z. Connect the cathode lead to the negative pole.
2
RATINGS AND CHARACTERISTIC CURVES
3


▲Up To Search▲   

 
Price & Availability of BZX5562

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X